| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
V295ME01 bảng dữ liệu(PDF) 2 Page - Z-Communications, Inc |
|
|
|||||||||||||||||||||||||||||
V295ME01 bảng dữ liệu(HTML) 2 Page - Z-Communications, Inc |
|
2 / 2 page ![]() Tuning Curve, typ. 285 287 289 291 293 295 297 299 301 303 305 00.511.5 22.5 33.5 4 °C °C °C TUNING VOLTAGE (Vdc) Power Curve, typ. Footprint Voltage-Controlled Oscillator Surface Mount Module V295ME01 A1 Rev 0.030 MIN. CUTBACK FROM LIVE PADS RECOMMENDED FOOTPRINT SEVERAL HOLES OF 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING. O °C °C °C LFSuffix = RoHS Compliant. All specifications are subject to change without notice. © Z-Communications, Inc. All Rights Reserved. Page 2 of 2 FRM-S-002 B -40 85 25 -40 85 25 -5 -4 -3 -2 -1 0 1 2 288 289 290 292 293 296 298 300 301 FREQUENCY (MHz) Physical Dimensions Z-COMM XXXXXXXX-LF W/O# D/C 0.100 MINI-16-UL 0.085 MINI-16-EL PACKAGE H MINI-16 0.220 0.160 MINI-16-LOW 0.130 MINI-16-L NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010 PIN CONFIGURATION P1 Vt P2 RF OUT P3 Vcc REST GROUND |