| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
V285ME10 bảng dữ liệu(PDF) 2 Page - Z-Communications, Inc |
|
|
|||||||||||||||||||||||||||||
V285ME10 bảng dữ liệu(HTML) 2 Page - Z-Communications, Inc |
|
2 / 2 page ![]() Tuning Curve, typ. 200 210 220 230 240 250 260 270 280 290 300 00.511.522.533.544.5 5 °C °C °C TUNING VOLTAGE (Vdc) Power Curve, typ. Footprint Voltage-Controlled Oscillator Surface Mount Module V285ME10 B2 Rev 0.030 MIN. CUTBACK FROM LIVE PADS RECOMMENDED FOOTPRINT SEVERAL HOLES OF 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING. O °C °C °C LFSuffix = RoHS Compliant. All specifications are subject to change without notice. © Z-Communications, Inc. All Rights Reserved. Page 2 of 2 FRM-S-002 B -40 85 25 -40 85 25 0 2 4 6 8 10 12 14 16 209 223 234 243 251 258 264 270 277 283 289 FREQUENCY (MHz) Physical Dimensions Z-COMM XXXXXXXX-LF W/O# D/C 0.100 MINI-16-UL 0.085 MINI-16-EL PACKAGE H MINI-16 0.220 0.160 MINI-16-LOW 0.130 MINI-16-L NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010 PIN CONFIGURATION P1 Vt P2 RF OUT P3 Vcc REST GROUND |