| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8572CPXAVND bảng dữ liệu(PDF) 53 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8572CPXAVND bảng dữ liệu(HTML) 53 Page - Freescale Semiconductor, Inc |
|
53 / 140 page ![]() MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4 Freescale Semiconductor 53 Local Bus Controller (eLBC) 10 Local Bus Controller (eLBC) This section describes the DC and AC electrical specifications for the local bus interface of the MPC8572E. 10.1 Local Bus DC Electrical Characteristics Table 45 provides the DC electrical characteristics for the local bus interface operating at BVDD = 3.3 V DC. Table 46 provides the DC electrical characteristics for the local bus interface operating at BVDD = 2.5 V DC. Table 45. Local Bus DC Electrical Characteristics (3.3 V DC) Parameter Symbol Min Max Unit Supply voltage 3.3V BVDD 3.13 3.47 V High-level input voltage VIH 2BVDD + 0.3 V Low-level input voltage VIL –0.3 0.8 V Input current (BVIN 1 = 0 V or BV IN = BVDD) IIN —±5 μA High-level output voltage (BVDD = min, IOH = –2 mA) VOH BVDD – 0.2 — V Low-level output voltage (BVDD = min, IOL = 2 mA) VOL —0.2 V Note: 1. Note that the symbol BVIN, in this case, represents the BVIN symbol referenced in Table 1. Table 46. Local Bus DC Electrical Characteristics (2.5 V DC) Parameter Symbol Min Max Unit Supply voltage 2.5V BVDD 2.37 2.63 V High-level input voltage VIH 1.70 BVDD + 0.3 V Low-level input voltage VIL –0.3 0.7 V Input current (BVIN 1 = 0 V or BV IN = BVDD) IIH —10 μA IIL –15 High-level output voltage (BVDD = min, IOH = –1 mA) VOH 2.0 BVDD + 0.3 V Low-level output voltage (BVDD = min, IOL = 1 mA) VOL GND – 0.3 0.4 V Note: 1. The symbol BVIN, in this case, represents the BVIN symbol referenced in Table 1. |