| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
V131MC01 bảng dữ liệu(PDF) 2 Page - Z-Communications, Inc |
|
|
|||||||||||||||||||||||||||||
V131MC01 bảng dữ liệu(HTML) 2 Page - Z-Communications, Inc |
|
2 / 2 page ![]() Tuning Curve, typ. 125 128 131 134 0 0.75 1.5 2.25 3 3.75 4.5 5.25 6 6.75 7.5 8.25 9 °C °C °C TUNING VOLTAGE (Vdc) Power Curve, typ. Footprint Voltage-Controlled Oscillator Surface Mount Module V131MC01 C3 Rev 0.030 MIN. CUTBACK FROM LIVE PADS RECOMMENDED FOOTPRINT SEVERAL HOLES OF 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING. O °C °C °C LFSuffix = RoHS Compliant. All specifications are subject to change without notice. © Z-Communications, Inc. All Rights Reserved. Page 2 of 2 FRM-S-002 B 0 70 25 0 70 25 5 6 7 8 9 10 11 12 126 128 129 129 130 131 131 132 132 133 133 133 134 FREQUENCY (MHz) Physical Dimensions Z-COMM XXXXXXXX-LF W/O# D/C PACKAGE H MINI-14S 0.220 0.160 MINI-14S-LOW 0.130 MINI-14S-L NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010 PIN CONFIGURATION P1 Vt P2 RF OUT P3 Vcc REST GROUND |