| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
V116MC01 bảng dữ liệu(PDF) 1 Page - Z-Communications, Inc |
|
|
|||||||||||||||||||||||||||||
V116MC01 bảng dữ liệu(HTML) 1 Page - Z-Communications, Inc |
|
1 / 2 page ![]() -140 -120 -100 -80 -60 100 1K 10K 100K LFSuffix = RoHS Compliant. All specifications are subject to change without notice. © Z-Communications, Inc. All Rights Reserved. Page 1 of 2 FRM-S-002 B PHASE NOISE (1 Hz BW, typical) OFFSET (Hz) Performance Specifications Typ Units Min Max 12 -114 -7 1 1 600 50 Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW) Harmonic Suppression (2nd) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance Pushing Pulling ( dB Return Loss, Any Phase) Operating Temperature Range MHz dBc/Hz dBc Vdc MHz/V dBm pF MHz/V MHz °C 114 118 14 24 Package Style -3 3 80 -20 0 Power Supply Requirements Typ Units Min Max 5 13 Vdc mA Supply Voltage (Vcc, nom.) Supply Current (Icc) 16 MAX Satellite Modems CATV Test Instrumentation • • • Applications Voltage-Controlled Oscillator Surface Mount Module V116MC01 A2 Rev Additional Notes Application Notes • AN-101: Mounting and Grounding • AN-102: Output Loading • AN-107: Manual Soldering 14118 Stowe Drive, Suite B | Poway, CA 92064 TEL: (858) 621-2700 | FAX: (858) 486-1927 URL: www.zcomm.com EMAIL: applications@zcomm.com MINI-14S |
Số phần tương tự - V116MC01 |
|
Mô tả tương tự - V116MC01 |