công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8343ECZQADDB bảng dữ liệu(PDF) 53 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8343ECZQADDB
Giải thích chi tiết về linh kiện  MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8343ECZQADDB bảng dữ liệu(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MPC8343ECZQADDB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8343ECZQADDB Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8343ECZQADDB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8343ECZQADDB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8343ECZQADDB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8343ECZQADDB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8343ECZQADDB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8343ECZQADDB Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8343ECZQADDB Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 79 page
background image
MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
53
Package and Pin Listings
LBCTL
H5
O
OVDD
—
LALE
E3
O
OVDD
—
LGPL0/LSDA10/cfg_reset_source0
F4
I/O
OVDD
—
LGPL1/LSDWE/cfg_reset_source1
D2
I/O
OVDD
—
LGPL2/LSDRAS/LOE
C1
O
OVDD
—
LGPL3/LSDCAS/cfg_reset_source2
C2
I/O
OVDD
—
LGPL4/LGTA/LUPWAIT/LPBSE
C3
I/O
OVDD
12
LGPL5/cfg_clkin_div
B3
I/O
OVDD
—
LCKE
E4
O
OVDD
—
LCLK[0:2]
D4, A3, C4
O
OVDD
—
LSYNC_OUT
U3
O
OVDD
—
LSYNC_IN
Y2
I
OVDD
—
General Purpose I/O Timers
GPIO1[0]/DMA_DREQ0/GTM1_TIN1/
GTM2_TIN2
D27
I/O
OVDD
—
GPIO1[1]/DMA_DACK0/GTM1_TGATE1/
GTM2_TGATE2
E26
I/O
OVDD
—
GPIO1[2]/DMA_DDONE0/
GTM1_TOUT1
D28
I/O
OVDD
—
GPIO1[3]/DMA_DREQ1/GTM1_TIN2/
GTM2_TIN1
G25
I/O
OVDD
—
GPIO1[4]/DMA_DACK1/
GTM1_TGATE2/GTM2_TGATE1
J24
I/O
OVDD
—
GPIO1[5]/DMA_DDONE1/
GTM1_TOUT2/GTM2_TOUT1
F26
I/O
OVDD
—
GPIO1[6]/DMA_DREQ2/GTM1_TIN3/
GTM2_TIN4
E27
I/O
OVDD
—
GPIO1[7]/DMA_DACK2/GTM1_TGATE3/
GTM2_TGATE4
E28
I/O
OVDD
—
GPIO1[8]/DMA_DDONE2/
GTM1_TOUT3
H25
I/O
OVDD
—
GPIO1[9]/DMA_DREQ3/GTM1_TIN4/
GTM2_TIN3
F27
I/O
OVDD
—
GPIO1[10]/DMA_DACK3/
GTM1_TGATE4/GTM2_TGATE3
K24
I/O
OVDD
—
GPIO1[11]/DMA_DDONE3/
GTM1_TOUT4/GTM2_TOUT3
G26
I/O
OVDD
—
Table 51. MPC8343EA (PBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79