| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CRO2170B-LF_A1 bảng dữ liệu(PDF) 2 Page - Z-Communications, Inc |
|
|
|||||||||||||||||||||||||||||
CRO2170B-LF_A1 bảng dữ liệu(HTML) 2 Page - Z-Communications, Inc |
|
2 / 2 page ![]() Tuning Curve, typ. 1980 2000 2020 2040 2060 2080 2100 2120 2140 2160 2180 2200 2220 2240 2260 2280 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 °C °C °C TUNING VOLTAGE (Vdc) Power Curve, typ. Footprint Voltage-Controlled Oscillator Surface Mount Module CRO2170B-LF A1 Rev 0.030 MIN. CUTBACK FROM LIVE PADS RECOMMENDED FOOTPRINT SEVERAL HOLES OF 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING. O °C °C °C LFSuffix = RoHS Compliant. All specifications are subject to change without notice. © Z-Communications, Inc. All Rights Reserved. Page 2 of 2 FRM-S-002 B -40 85 25 -40 85 25 -3 -2 -1 0 1 2 3 4 5 6 7 8 2014 2039 2065 2092 2121 2151 2182 2214 2245 2277 FREQUENCY (MHz) Physical Dimensions SOLDER MASK GOLD PLATED PADS NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010 Z-COMM XXXXXXXX-LF W/O# D/C BOTTOM P1 Vt P2 RF OUT P3 Vcc PIN CONFIGURATION REST GROUND |