| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CRO2117A bảng dữ liệu(PDF) 2 Page - Z-Communications, Inc |
|
|
|||||||||||||||||||||||||||||
CRO2117A bảng dữ liệu(HTML) 2 Page - Z-Communications, Inc |
|
2 / 2 page ![]() Tuning Curve, typ. 2065 2070 2075 2080 2085 2090 2095 2100 2105 2110 2115 2120 2125 2130 2135 2140 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 °C °C °C TUNING VOLTAGE (Vdc) Power Curve, typ. Footprint Voltage-Controlled Oscillator Surface Mount Module CRO2117A B2 Rev 0.030 MIN. CUTBACK FROM LIVE PADS RECOMMENDED FOOTPRINT SEVERAL HOLES OF 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING. O °C °C °C LFSuffix = RoHS Compliant. All specifications are subject to change without notice. © Z-Communications, Inc. All Rights Reserved. Page 2 of 2 FRM-S-002 B -40 85 25 -40 85 25 0 1 2 3 4 5 6 7 8 9 10 2071 2080 2087 2094 2101 2108 2115 2121 2127 2133 FREQUENCY (MHz) Physical Dimensions SOLDER MASK GOLD PLATED PADS NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010 Z-COMM XXXXXXXX-LF W/O# D/C BOTTOM P1 Vt P2 RF OUT P3 Vcc PIN CONFIGURATION REST GROUND |