| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRFS5620PBF bảng dữ liệu(PDF) 5 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRFS5620PBF bảng dữ liệu(HTML) 5 Page - International Rectifier |
|
5 / 9 page ![]() IRFS/SL5620PbF www.irf.com 5 Fig 13. Maximum Avalanche Energy Vs. Drain Current Fig 12. On-Resistance Vs. Gate Voltage Fig 14. Typical Avalanche Current Vs.Pulsewidth Fig 15. Maximum Avalanche Energy Vs. Temperature Notes on Repetitive Avalanche Curves , Figures 14, 15: (For further info, see AN-1005 at www.irf.com) 1. Avalanche failures assumption: Purely a thermal phenomenon and failure occurs at a temperature far in excess of Tjmax. This is validated for every part type. 2. Safe operation in Avalanche is allowed as long as neither Tjmax nor Iav (max) is exceeded 3. Equation below based on circuit and waveforms shown in Figures 17a, 17b. 4. PD (ave) = Average power dissipation per single avalanche pulse. 5. BV = Rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. Iav = Allowable avalanche current. 7. ∆T = Allowable rise in junction temperature, not to exceed Tjmax (assumed as 25°C in Figure 14, 15). tav = Average time in avalanche. D = Duty cycle in avalanche = tav ·f ZthJC(D, tav) = Transient thermal resistance, see figure 11) PD (ave) = 1/2 ( 1.3·BV·Iav) = DT/ ZthJC Iav = 2 DT/ [1.3·BV·Zth] EAS (AR) = PD (ave)·tav 4 6 8 10 12 14 16 VGS, Gate -to -Source Voltage (V) 0 0.1 0.2 0.3 0.4 0.5 ID = 15A TJ = 25°C TJ = 125°C 25 50 75 100 125 150 175 Starting TJ , Junction Temperature (°C) 0 50 100 150 200 250 300 350 400 450 500 ID TOP 2.05A 2.94A BOTTOM 15A 1.0E-06 1.0E-05 1.0E-04 1.0E-03 1.0E-02 1.0E-01 tav (sec) 0.1 1 10 100 0.05 Duty Cycle = Single Pulse 0.10 Allowed avalanche Current vs avalanche pulsewidth, tav, assuming ∆Τj = 25°C and Tstart = 150°C. 0.01 Allowed avalanche Current vs avalanche pulsewidth, tav, assuming ∆Tj = 150°C and Tstart =25°C (Single Pulse) 25 50 75 100 125 150 175 Starting TJ , Junction Temperature (°C) 0 20 40 60 80 100 120 TOP Single Pulse BOTTOM 1.0% Duty Cycle ID = 15A |