| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MF1ICS70 bảng dữ liệu(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MF1ICS70 bảng dữ liệu(HTML) 10 Page - NXP Semiconductors |
|
10 / 20 page ![]() MF1ICS70_043544 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet PUBLIC Rev. 4.4 — 25 November 2010 043544 10 of 20 NXP Semiconductors MF1ICS70 Functional specification 6.7 Memory access Before any memory operation can be carried out, the card has to be selected and authenticated as described previously.The possible memory operations for an addressed block depend on the key used and the access conditions stored in the associated sector trailer. Fig 8. Memory access Identification and Selection Procedure Authentication Procedure Memory Operations Value Block Read, Write, Increment, Decrement, Transfer, Restore Read/Write Block Block Read, Write POR New Command without Change of Sector Change of Sector (RC17X , RC5XX based PCDs) Halt Change of Sector |