công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE4305G bảng dữ liệu(PDF) 12 Page - Infineon Technologies AG

tên linh kiện TLE4305G
Giải thích chi tiết về linh kiện  Voltage-Current Regulator Wide supply voltage operation range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4305G bảng dữ liệu(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4305G Datasheet HTML 8Page - Infineon Technologies AG TLE4305G Datasheet HTML 9Page - Infineon Technologies AG TLE4305G Datasheet HTML 10Page - Infineon Technologies AG TLE4305G Datasheet HTML 11Page - Infineon Technologies AG TLE4305G Datasheet HTML 12Page - Infineon Technologies AG TLE4305G Datasheet HTML 13Page - Infineon Technologies AG TLE4305G Datasheet HTML 14Page - Infineon Technologies AG TLE4305G Datasheet HTML 15Page - Infineon Technologies AG TLE4305G Datasheet HTML 16Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Data Sheet
12
Rev. 2.2, 2008-11-17
TLE 4305
Current Control Loop
Figure 7
Current Control Loop
To detect the current a sense resistor
R
sense is placed in the current back-path to the
transformer (see Figure 4 and Figure 7).
The control operational amplifier compares the voltage at pin CRE to the voltage at the
inverting input of the OTA. In an overcurrent condition, the overall closed loop through
current loop, opto isolator, primary regulator, transformer and the application reduces the
PWM duty cycle to meet the closed loop condition.
V
CSE - VCRE is typical 200 mV.
The current limit is defined by
I
Qmax = 200 mV / Rsense
(6)
To compensate the overall closed current loop a 10 nF capacitor should be connected
to pin VCO. With the internal 1 k
Ω resistor it reduces the voltage loop’s bandwidth.
As already explained for the voltage loop, the capacitor can be modified according to the
overall loop’s bandwidth.
To further improve the current control in addition a compensation can be added at pin
CRE as shown in Figure 8.
AES02880
C-OTA
R
I1
25 k
Ω
C
CCO
10 nF
V
REF
CSE
CRE
Current Loop TLE 4305
Control
Logic
from Voltage Loop
1 k
Ω
R
CC
1 k
Ω
OUT
CCO
R
I1
25 k
Ω
R
Sense
D2
Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com