| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE4470G bảng dữ liệu(PDF) 22 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4470G bảng dữ liệu(HTML) 22 Page - Infineon Technologies AG |
|
22 / 24 page ![]() Data Sheet 22 Rev. 1.2, 2008-03-20 TLE 4470 Figure 7 PG-DSO-20 (Plastic Green Dual Small Outline) Green Product (RoHS compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). GPS05094 1.27 0.2 20x 0.35 +0.15 2) 12.8 1) -0.2 110 11 20 20x 0.1 Index Marking 1) Does not include plastic or metal protrusion of 0.15 max. per side 2) Does not include dambar protrusion of 0.05 max. per side 0.35 x 45˚ -0.2 1) 7.6 ±0.3 10.3 0.4 +0.8 You can find all of our packages, sorts of packing and others in our Infineon Internet Page “Products”: http://www.infineon.com/packages. Dimensions in mm SMD = Surface Mounted Device |