công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S9S08QD4MPC bảng dữ liệu(PDF) 90 Page - Freescale Semiconductor, Inc

tên linh kiện S9S08QD4MPC
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD4MPC bảng dữ liệu(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button S9S08QD4MPC Datasheet HTML 86Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 87Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 88Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 89Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 90Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 91Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 92Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 93Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 198 page
background image
Chapter 7 Central Processor Unit (S08CPUV2)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
90
Freescale Semiconductor
TXS
Transfer Index Reg. to SP
SP
← (H:X) – $0001
INH
94
2
fp
– – – – – –
WAIT
Enable Interrupts; Wait for Interrupt
I bit
← 0; Halt CPU
INH
8F
2+
fp...
– – 0 – – –
Source Form: Everything in the source forms columns, except expressions in italic characters, is literal information which must appear in
the assembly source file exactly as shown. The initial 3- to 5-letter mnemonic and the characters (# , ( ) and +) are always a literal
characters.
n
Any label or expression that evaluates to a single integer in the range 0-7.
opr8i
Any label or expression that evaluates to an 8-bit immediate value.
opr16i
Any label or expression that evaluates to a 16-bit immediate value.
opr8a
Any label or expression that evaluates to an 8-bit direct-page address ($00xx).
opr16a
Any label or expression that evaluates to a 16-bit address.
oprx8
Any label or expression that evaluates to an unsigned 8-bit value, used for indexed addressing.
oprx16
Any label or expression that evaluates to a 16-bit value, used for indexed addressing.
rel
Any label or expression that refers to an address that is within –128 to +127 locations from the start of the next instruction.
Operation Symbols:
A
Accumulator
CCR
Condition code register
H
Index register high byte
M
Memory location
n
Any bit
opr
Operand (one or two bytes)
PC
Program counter
PCH
Program counter high byte
PCL
Program counter low byte
rel
Relative program counter offset byte
SP
Stack pointer
SPL
Stack pointer low byte
X
Index register low byte
&
Logical AND
|
Logical OR
⊕
Logical EXCLUSIVE OR
( )
Contents of
+
Add
–
Subtract, Negation (two’s complement)
×
Multiply
÷
Divide
#
Immediate value
←
Loaded with
:
Concatenated with
Addressing Modes:
DIR
Direct addressing mode
EXT
Extended addressing mode
IMM
Immediate addressing mode
INH
Inherent addressing mode
IX
Indexed, no offset addressing mode
IX1
Indexed, 8-bit offset addressing mode
IX2
Indexed, 16-bit offset addressing mode
IX+
Indexed, no offset, post increment addressing mode
IX1+
Indexed, 8-bit offset, post increment addressing mode
REL
Relative addressing mode
SP1
Stack pointer, 8-bit offset addressing mode
SP2
Stack pointer 16-bit offset addressing mode
Cycle-by-Cycle Codes:
f
Free cycle. This indicates a cycle where the CPU
does not require use of the system buses. An f
cycle is always one cycle of the system bus clock
and is always a read cycle.
p
Progryam fetch; read from next consecutive
location in program memory
r
Read 8-bit operand
s
Push (write) one byte onto stack
u
Pop (read) one byte from stack
v
Read vector from $FFxx (high byte first)
w
Write 8-bit operand
CCR Bits:
VOverflow bit
H
Half-carry bit
I
Interrupt mask
N
Negative bit
Z
Zero bit
C
Carry/borrow bit
CCR Effects:
Set or cleared
–
Not affected
U
Undefined
Table 7-2. Instruction Set Summary (Sheet 9 of 9)
Source
Form
Operation
Object Code
Cyc-by-Cyc
Details
Affect
on CCR
VH I N Z C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com