công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S9S08QD2MPC bảng dữ liệu(PDF) 97 Page - Freescale Semiconductor, Inc

tên linh kiện S9S08QD2MPC
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2MPC bảng dữ liệu(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2MPC Datasheet HTML 93Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 94Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 95Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 96Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 97Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 98Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 99Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 100Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 198 page
background image
Analog-to-Digital Converter (S08ADC10V1)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
97
8.1.2
Features
Features of the ADC module include:
•
Linear successive approximation algorithm with 10 bits resolution.
•
Up to 28 analog inputs.
•
Output formatted in 10- or 8-bit right-justified format.
•
Single or continuous conversion (automatic return to idle after single conversion).
•
Configurable sample time and conversion speed/power.
•
Conversion complete flag and interrupt.
•
Input clock selectable from up to four sources.
•
Operation in wait or stop3 modes for lower noise operation.
•
Asynchronous clock source for lower noise operation.
•
Selectable asynchronous hardware conversion trigger.
•
Automatic compare with interrupt for less-than, or greater-than or equal-to, programmable value.
8.1.3
Block Diagram
Figure 8-2 provides a block diagram of the ADC module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com