công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE4473GV55-2 bảng dữ liệu(PDF) 2 Page - Infineon Technologies AG

tên linh kiện TLE4473GV55-2
Giải thích chi tiết về linh kiện  Dual Low Dropout Voltage Regulator Stand-by output 190 mA; 5 V 짹 2%
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4473GV55-2 bảng dữ liệu(HTML) 2 Page - Infineon Technologies AG

  TLE4473GV55-2 Datasheet HTML 1Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 2Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 3Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 4Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 5Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 6Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 7Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 8Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Data Sheet
2
Rev. 1.2, 2008-10-28
TLE 4473 GV55-2
The device features a reset with adjustable power on delay for each of the outputs. In
addition the output for the microcontroller supply comes up with a watchdog in order to
supervise a connected microcontroller
Reset and Watchdog Behavior
The reset output RO2 is in high-state if the voltage on the delay capacitor
C
D2 is greater
or equal
V
DU2. The delay capacitor CD2 is charged with the current IDC2 for output
voltages greater than the reset threshold V
RT2. If the output voltage gets lower than VRT2
(‘reset condition’) a fast discharge of the delay capacitor
C
D2 sets in and as soon as VD2
gets lower than
V
DL2 the reset output RO2 is set to low-level. The time for the delay
capacitor charge is the reset delay time. For the power-on case the charging process of
C
D2 starts from 0 V, which leads to the equation:
(1)
for the power-on reset delay time.
When the voltage on the delay capacitor has reached
V
DU2 and reset was set to high, the
watchdog circuit is enabled and discharges
C
D2 with the constant current IDD2.
If there is no rising edge observed at the watchdog input,
C
D2 will be discharge down to
V
DL2. Then reset output RO2 will be set to low and CD2 will be charged again with the
current
I
DC2 until VD2 reaches VDU2 and reset will be set high again.
If the watchdog pulse (rising edge at watchdog input WI) occurs during the discharge
period
C
D2 is charged again and the reset output stays high. After VD2 has reached VDU2,
the periodical cycle starts again.
The watchdog timing is shown in Figure 1. The maximum duration between two
watchdog pulses corresponds to the minimum watchdog trigger time
T
WI,tr. Higher
capacitances on pin D2 result in longer watchdog trigger times:
(2)
If the output voltage Q1 decreases below
V
RT1 (typ. 4.65 V), the external capacitor CD1
is discharged by the reset generator of the main output. If the voltage on this capacitor
drops below
V
DL1, a reset signal is generated on pin 2 (RO1). If the output voltage rises
above the reset threshold,
C
D1 will be charged with the constant current IDC1. After the
power-on-reset time the voltage on the capacitor reaches
V
DU1 and the reset output will
be set high again. The value of the power-on-reset time can be set within a wide range
depending of the capacitance of
C
D1 using the above given equation (1) analogous for
Q1.
tDon
,
CD2 VDU2
×
IDC2
-----------------------------
=
TWI,tr
max
0.34 ms/nF
CD2
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com