công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE4905L bảng dữ liệu(PDF) 5 Page - Infineon Technologies AG

tên linh kiện TLE4905L
Giải thích chi tiết về linh kiện  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4905L bảng dữ liệu(HTML) 5 Page - Infineon Technologies AG

  TLE4905L_07 Datasheet HTML 1Page - Infineon Technologies AG TLE4905L_07 Datasheet HTML 2Page - Infineon Technologies AG TLE4905L_07 Datasheet HTML 3Page - Infineon Technologies AG TLE4905L_07 Datasheet HTML 4Page - Infineon Technologies AG TLE4905L_07 Datasheet HTML 5Page - Infineon Technologies AG TLE4905L_07 Datasheet HTML 6Page - Infineon Technologies AG TLE4905L_07 Datasheet HTML 7Page - Infineon Technologies AG TLE4905L_07 Datasheet HTML 8Page - Infineon Technologies AG TLE4905L_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TLE4905L, TLE4935L, TLE4945L, TLE4945-2L
Data Sheet
3
V1.5, 2007-11
Circuit Description
The circuit includes Hall generator, amplifier and Schmitt-Trigger on one chip. The internal
reference provides the supply voltage for the components. A magnetic field perpendicular to the
chip surface induces a voltage at the hall probe. This voltage is amplified and switches a Schmitt-
trigger with open-collector output. A protection diode against reverse power supply is integrated.
The output is protected against electrical disturbances.
AEB01243
Hall-
Generator
V
S
V
Ref
Output
Stage
Schmitt-
Trigger
Amplifier
Threshold
Generator
V
S
1
Q
3
2
GND
Figure 2
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20