công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE4242G bảng dữ liệu(PDF) 1 Page - Infineon Technologies AG

tên linh kiện TLE4242G
Giải thích chi tiết về linh kiện  Adjustable LED Driver Wide input voltage range up to 42 V Low drop voltage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4242G bảng dữ liệu(HTML) 1 Page - Infineon Technologies AG

  TLE4242G Datasheet HTML 1Page - Infineon Technologies AG TLE4242G Datasheet HTML 2Page - Infineon Technologies AG TLE4242G Datasheet HTML 3Page - Infineon Technologies AG TLE4242G Datasheet HTML 4Page - Infineon Technologies AG TLE4242G Datasheet HTML 5Page - Infineon Technologies AG TLE4242G Datasheet HTML 6Page - Infineon Technologies AG TLE4242G Datasheet HTML 7Page - Infineon Technologies AG TLE4242G Datasheet HTML 8Page - Infineon Technologies AG TLE4242G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Type
Package
TLE 4242 G
PG-TO263-7-1
Adjustable LED Driver
TLE 4242 G
P-TO263-7-1
Data Sheet
1
Rev. 1.1, 2007-03-20
Features
•
Adjustable constant current up to 500 mA (
±5%)
•
Wide input voltage range up to 42 V
•
Low drop voltage
•
Open load detection
•
Overtemperature protection
•
Short circuit proof
•
Reverse polarity proof
•
Wide temperature range: -40
°C to 150 °C
•
Green Product (RoHS compliant)
•
AEC Qualified
Functional Description
The TLE 4242 G is an integrated adjustable constant current source driving loads up to
500 mA. The output current level can be adjusted via an external resistor. The IC is
designed to supply high power LEDs (e.g. Osram Dragon LA W57B) under the severe
conditions of automotive applications resulting in constant brightness and extended LED
lifetime. It is provided in the surface mounted PG-TO263-7-1 package. Protection circuits
prevent damage to the device in case of overload, short circuit, reverse polarity and
overheat. The connected LEDs are protected against reverse polarity as well as excess
voltages up to 45 V.
The integrated PWM input of the TLE 4242 G permits LED brightness regulation by
pulse width modulation. Due to the high input impedance of the PWM input the LED
driver can be operated as a protected high side switch.


Số phần tương tự - TLE4242G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
TLE4242G INFINEON-TLE4242G Datasheet
270Kb / 13P
Adjustable LED Driver
Rev. 1.0, 2004-01-01
More results

Mô tả tương tự - TLE4242G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G_09 Datasheet
307Kb / 13P
5-V Voltage Regulator Input voltage up to 42 V
Rev. 1.4, 2009-01-12
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
Wide Input Voltage Range
logo
CUI INC
VLD25-300-SMT CUI-VLD25-300-SMT Datasheet
406Kb / 6P
LED DRIVER wide input and output voltage range SMT package
logo
Allegro MicroSystems
A8502KLPTR-T ALLEGRO-A8502KLPTR-T Datasheet
1Mb / 35P
Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
Wide input voltage range
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
Wide input voltage range
URF1D12HB-150W MORNSUN-URF1D12HB-150W Datasheet
2Mb / 8P
Wide input voltage range
logo
RICOH electronics devic...
R5112 RICOH-R5112 Datasheet
1Mb / 34P
Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
April 1, 2012
logo
Analog Devices
ADP5051 AD-ADP5051 Datasheet
2Mb / 28P
Wide input voltage range
Rev 21 Jan 2014 15:09
logo
Maxic Technology Corpor...
MT7608 MAXIC-MT7608 Datasheet
80Kb / 1P
Wide Input Voltage Range, Linear LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com