công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRMCS1071 bảng dữ liệu(PDF) 5 Page - International Rectifier

tên linh kiện IRMCS1071
Giải thích chi tiết về linh kiện  Sensorless Motor Drive Platform for Appliance Based on iMOTIONTM Chipset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

IRMCS1071 bảng dữ liệu(HTML) 5 Page - International Rectifier

  IRMCS1071 Datasheet HTML 1Page - International Rectifier IRMCS1071 Datasheet HTML 2Page - International Rectifier IRMCS1071 Datasheet HTML 3Page - International Rectifier IRMCS1071 Datasheet HTML 4Page - International Rectifier IRMCS1071 Datasheet HTML 5Page - International Rectifier IRMCS1071 Datasheet HTML 6Page - International Rectifier IRMCS1071 Datasheet HTML 7Page - International Rectifier IRMCS1071 Datasheet HTML 8Page - International Rectifier IRMCS1071 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IRMCS1071
ATTENTION: IRMCS1071 system contains ESD (Electrostatic Discharge) sensitive
parts and assemblies. Static control precautions are required when installing, testing,
servicing or repairing this assembly. Component damage may result if ESD control
procedures are not followed. If you are not familiar with static control procedures,
reference applicable ESD protection handbook and guideline.
ATTENTION: An incorrectly applied or installed drive can result in component
damage or reduction in product life. Wiring or application errors such as under sizing
the motor, supplying an incorrect or inadequate AC supply, or excessive ambient
temperatures may result in system malfunction.
!
!
ATTENTION: Remove and lock out power from the drive before you disconnect or
reconnect wires or perform service. Wait three minutes after removing power to
discharge the bus voltage. Do not attempt to service the drive until bus voltage has
discharged to zero. Failure to do so may result in bodily injury or death.
!
ATTENTION: Do not connect power factor correction capacitors to drive output
terminals U, V, and W. Doing so may result in equipment damage or bodily injury.
!
ATTENTION: IRMCS1071 system includes a field-weakening control function.
However, if a drive trip occurs in field-weakening operation, excessive DC bus over-
voltage will result. Users should take the necessary precautions to protect against DC
bus over-voltage. Failure to do so may result in equipment damage or bodily injury.
!
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11