| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE7244SL bảng dữ liệu(PDF) 26 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7244SL bảng dữ liệu(HTML) 26 Page - Infineon Technologies AG |
|
26 / 28 page ![]() SPI Driver for Enhanced Relay Control SPIDER - TLE7244SL Package Outlines Datasheet 26 Rev. 1.0, 2009-09-30 10 Package Outlines Figure 14 PG-SSOP-24-7 (Plastic Dual Small Outline Package) Green Product (RoHS compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb- free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). Please specify the package needed (e.g. green package) when placing an order PG-SSOP-24-5, -6 1) Does not include plastic or metal protrusion of 0.15 max. per side 112 24 13 2) Does not include dambar protrusion of 0.13 max. 8.65±0.1 0.65 0.25 2) M C 0.17 B 24x ±0.05 A A Index Marking B 0.1 B Seating Plane ±0.1 3.9 1) 0.35 x 45˚ 8˚ MAX. ±0.25 0.64 ±0.2 C 6 M 0.2 8˚ MAX. 0˚...8˚ C 0˚...8˚ 1) You can find all of our packages, sorts of packing and others in our Infineon Internet Page “Products”: http://www.infineon.com/products. Dimensions in mm |