| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BGF113 bảng dữ liệu(PDF) 7 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
BGF113 bảng dữ liệu(HTML) 7 Page - Infineon Technologies AG |
|
7 / 7 page ![]() BGF113 Differential Microphone Filter and ESD Protection BGF113 Data Sheet 7 V3.1, 2009-01-29 Package outlines COPLANARITY 0.6 0.08 8x C C STANDOFF ±0.05 0.2 ±0.05 (0.18 ) ±0.05 (0.18 ) ±0.05 0.1 C 0.4 ±0.05 1.16 B A A 8x ø0.05 M 0.25 B ±0.04 1) 3) Primary datum C and seating plane are defined by the domed crowns of the balls 1) Dimension is measured at the maximum solder ball diameter, parallel to primary datum C 2) A1 corner identified by marking WLP-8-6-N-PO V01 2 x 0.4 = 0.8 2) A3 A2 B3 C3 B2 B1 C2 C1 Pin A1 Corner Index Area Solder balls face down Solder balls face up Figure 4 WLP-8-6 (dimensions in mm) Tape and reel specification WLP-8-6-TP V01 Pin 1 Corner Index Area 1.33 0.25 0.75 4 Figure 5 Tape for WLP-8-6 (dimensions in mm) You can find all of our packages, sorts of packing and others in our Infineon Internet Page “Products”: http://www.infineon.com/products. |