| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BTS133TC bảng dữ liệu(PDF) 9 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
BTS133TC bảng dữ liệu(HTML) 9 Page - Infineon Technologies AG |
|
9 / 11 page ![]() Datasheet 9 Rev. 1.0, 2009-07-20 Smart Low Side Power Switch HITFET BTS 133TC Package Outlines 1 Package Outlines MAX. B A 0.25 M ±0.2 GPT09085 10 8.5 1) 0...0.15 5.08 2.54 0.75 ±0.1 1.05 ±0.1 1.27 4.4 B 0.5 ±0.1 2.4 0...0.3 A All metal surfaces tin plated, except area of cut. Metal surface min. X = 7.25, Y = 6.9 Typical 1) 0.1 B 0.1 0.05 8˚ Figure 1 PG-TO263-3-2 (Plastic Dual Small Outline Package) (RoHS-Compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb- free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). Please specify the package needed (e.g. green package) when placing an order You can find all of our packages, sorts of packing and others in our Infineon Internet Page “Products”: http://www.infineon.com/products. Dimensions in mm |