| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE6389 bảng dữ liệu(PDF) 36 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE6389 bảng dữ liệu(HTML) 36 Page - Infineon Technologies AG |
|
36 / 38 page ![]() TLE 6389 Datasheet Rev. 2.1 36 2007-08-13 8 Package Outlines Figure 5 Outline PG-DSO-14-1 (Plastic Green Dual Small Outline) Green Product (RoHS compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). 1) Does not include plastic or metal protrusion of 0.15 max. per side 2) Lead width can be 0.61 max. in dambar area -0.2 8.75 1) 0.64 Index Marking 1.27 +0.10 0.41 0.1 1 14 2) 7 14x 8 ±0.2 6 0.35 x 45˚ -0.2 4 1) ±0.25 -0.06 0.2 M AB M 0.2 C C B A GPS01230 Dimensions in mm |