| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE4990 bảng dữ liệu(PDF) 8 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4990 bảng dữ liệu(HTML) 8 Page - Infineon Technologies AG |
|
8 / 24 page ![]() TLE4990 Programmable Linear Hall Sensor Functional Description Data Sheet 8 V 2.4, 2005-11 Block Diagram Figure 2 shows a simplified block diagram. Figure 2 Block Diagram Principle of Operation • A magnetic flux is measured by a Hall-Effect cell. • The Temperature compensation modulates the bias current of the hall cell. • The output signal from the Hall-Effect cell is amplified. • A zero field voltage is added. • The output voltage range can be clamped by limiters. • The final output value is amplified and buffered. • The output voltage is proportional to the supply voltage (ratiometric behavior). •An OBD (On Board Diagnostics) circuit connects the output to VDD or GND in case of errors. TLE4990_BLOCK_DIAGRAM OTPROM / RAM Interface Temperature Linearization Zero magnetic field voltage Clock Gain Modulator Chopped Hall Probe Sample & Hold Demodulator Out + Clamping Amplifier Buffer |