công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE6240GP bảng dữ liệu(PDF) 24 Page - Infineon Technologies AG

tên linh kiện TLE6240GP
Giải thích chi tiết về linh kiện  Smart 16-Channel Low-Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP bảng dữ liệu(HTML) 24 Page - Infineon Technologies AG

Back Button TLE6240GP Datasheet HTML 20Page - Infineon Technologies AG TLE6240GP Datasheet HTML 21Page - Infineon Technologies AG TLE6240GP Datasheet HTML 22Page - Infineon Technologies AG TLE6240GP Datasheet HTML 23Page - Infineon Technologies AG TLE6240GP Datasheet HTML 24Page - Infineon Technologies AG TLE6240GP Datasheet HTML 25Page - Infineon Technologies AG TLE6240GP Datasheet HTML 26Page - Infineon Technologies AG TLE6240GP Datasheet HTML 27Page - Infineon Technologies AG TLE6240GP Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
TLE6240GP
Smart 16-Channel Low-Side Switch
Control of the Device
Data Sheet
24
Rev.3.3, 2010-02-15
6.1.5
Control Byte - Detailed description
In the following section the different control bytes will be described. X used within the control byte means:
The following Control Byte descriptions are referring to the Overview Table 2.
6.1.5.1
Control Byte No.1 and 6
By clocking in this control byte, it is possible to get pure diagnostic information (two bits per channel) in accordance
with Figure 21. The data bits are ignored, so that the state of the outputs are not influenced. This command is only
active once unless the next control command is again “Diagnosis only”. Diagnostic information can be read out at
any time with no change of the switching conditions.
Figure 16
Example for two Consecutive Chip Select Cycles
Table 3
Control Byte - Channel Group selection
MSB
Comment
X
X
X
X
L
L
L
L
Command is valid for Channels 1 to 8
X
X
X
X
HHHH
Command is valid for Channels 9 to 16
Control Byte
Table 4
Control Byte No. 1 to 6
MSB
Comment
L
LLL
X
X
X
X
Diagnosis only
Control Byte
SI
L L L L
L L L L
X X X X
X X X X
SO
H H H H
H H H H
H H H H
H H H H
CS
SI command: Diagnosis only for channels 1 to 8. No change of
the output states
SO diagnosis: No fault, normal function of channels 1 to 8 or 9 to
16 depending on previous SI command
SI
L L L L
H H H H
X X X X
X X X X
SO
CS
SI command: Diagnosis only for channels 9 to 16. No change of
the output states ⇒ DIAG_2 provided during next chip select cycle
SO diagnosis: 2 bit diagnosis performed for channels 1 to 8
DIAG_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com