| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE6240GP bảng dữ liệu(PDF) 5 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE6240GP bảng dữ liệu(HTML) 5 Page - Infineon Technologies AG |
|
5 / 37 page ![]() Data Sheet 5 Rev.3.3, 2010-02-15 TLE6240GP Smart 16-Channel Low-Side Switch Block Diagram 2Block Diagram 2.1 Detailed Block Diagram Figure 2 Detailed Block Diagram 2.2 Description of Block Diagram All 16 channels can be controlled via the serial interface (SPI). In addition to the serial control it is possible to control channel 1 to 4 and 9 to 12 direct in parallel with a separate input pin. The parallel input signal is either OR - operated or AND - operated with the respective SPI data bit. This boolean operation can be programmed via SPI control byte (see Chapter 5). The SPI interface also performs a diagnostic information for each channel. |