| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STF23NM60ND bảng dữ liệu(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STF23NM60ND bảng dữ liệu(HTML) 3 Page - STMicroelectronics |
|
3 / 18 page ![]() STB/I/F/P/W23NM60ND Electrical ratings Doc ID 14367 Rev 3 3/18 1 Electrical ratings Table 2. Absolute maximum ratings Symbol Parameter Value Unit D²PAK, I²PAK TO-220, TO-247 TO-220FP VDS Drain-source voltage (VGS=0) 600 V VGS Gate-source voltage ± 25 V ID Drain current (continuous) at TC = 25 °C 19.5 19.5 (1) 1. Limited only by maximum temperature allowed A ID Drain current (continuous) at TC = 100 °C 11.7 11.7 (1) A IDM (2) 2. Pulse width limited by safe operating area Drain current (pulsed) 78 78 (1) A PTOT Total dissipation at TC = 25 °C 150 35 W dv/dt (3) 3. ISD ≤ 19.5 A, di/dt ≤ 600 A/µs, VDD =80% V(BR)DSS Peak diode recovery voltage slope 40 V/ns VISO Insulation withstand voltage (RMS) from all three leads to external heat sink (t = 1 s; TC = 25 °C) 2500 V Tstg Storage temperature -55 to 150 °C Tj Max. operating junction temperature 150 °C Table 3. Thermal data Symbol Parameter D²PAK I²PAK TO-220 TO-247 TO-220FP Unit Rthj-case Thermal resistance junction- case max 0.83 3.6 °C/W Rthj-amb Thermal resistance junction- amb max 62.5 50 62.5 °C/W Tl Maximum lead temperature for soldering purposes 300 °C Table 4. Avalanche characteristics Symbol Parameter Max value Unit IAS Avalanche current, repetitive or not-repetitive (pulse width limited by Tj max) 9A EAS Single pulse avalanche energy (starting Tj= 25 °C, ID = IAS, VDD = 50 V) 700 mJ |