công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R8CL3AA bảng dữ liệu(PDF) 63 Page - Renesas Technology Corp

tên linh kiện R8CL3AA
Giải thích chi tiết về linh kiện  Household appliances, office equipment, audio equipment, consumer products, etc.
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8CL3AA bảng dữ liệu(HTML) 63 Page - Renesas Technology Corp

Back Button R8CL3AA Datasheet HTML 59Page - Renesas Technology Corp R8CL3AA Datasheet HTML 60Page - Renesas Technology Corp R8CL3AA Datasheet HTML 61Page - Renesas Technology Corp R8CL3AA Datasheet HTML 62Page - Renesas Technology Corp R8CL3AA Datasheet HTML 63Page - Renesas Technology Corp R8CL3AA Datasheet HTML 64Page - Renesas Technology Corp R8CL3AA Datasheet HTML 65Page - Renesas Technology Corp R8CL3AA Datasheet HTML 66Page - Renesas Technology Corp R8CL3AA Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 89 page
background image
5. Electrical Characteristics
REJ03B0243-0030 Rev.0.30
Jan 21, 2009
Page 61 of 76
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
Notes:
1.
Vcc = 4.0 V to 5.5 V, single chip mode, output pins are open, and other pins are Vss.
2.
XIN is set to square wave input.
3.
Vcc = 5.0 V
4.
VLCD = Vcc, external division resistors are used for VL4 to VL1, 1/3 bias, 1/4 duty, f(FR) = 64 Hz, SEG0 to SEG55 are selected, and segment
and common output pins are open. The standard value does not include the current that flows through external division resistors.
5.
The internal voltage multiplier is used, bits LVLS3 to LVLS0 in the LCR1 register = 1011b, 1/3 bias, 1/4 duty, f(FR) = 64 Hz, SEG0 to SEG55
are selected, and segment and common output pins are open.
Table 5.19
DC Characteristics (2) [4.0 V
≤ Vcc ≤ 5.5 V]
(Topr =
−20 to 85°C (N version) / −40 to 85°C (D version), unless otherwise specified.)
Symbol Parameter
Condition
Standard
Unit
Oscillation
Circuit
On-Chip
Oscillator
CPU
Clock
Low-Power-
Consumption
Setting
Other
Min.
Typ.
(3)
Max
.
XIN
(2)
XCIN
High-
Speed
Low-
Speed
ICC
Power
supply
current (1)
High-
speed
clock
mode
20
MHz
Off
Off
125
kHz
No
division
−−
7.0
15
mA
16
MHz
Off
Off
125
kHz
No
division
−−
5.6 12.5 mA
10
MHz
Off
Off
125
kHz
No
division
−−
3.6
−
mA
20
MHz
Off
Off
125
kHz
Divide-
by-8
−−
3.0
−
mA
16
MHz
Off
Off
125
kHz
Divide-
by-8
−−
2.2
−
mA
10
MHz
Off
Off
125
kHz
Divide-
by-8
−−
1.5
−
mA
High-
speed
on-chip
oscillator
mode
Off
Off
20 MHz
125
kHz
No
division
−−
7.0
15
mA
Off
Off
20 MHz
125
kHz
Divide-
by-8
−−
3.0
−
mA
Off
Off
4 MHz
125
kHz
Divide-
by-16
MSTIIC = 1
MSTTRD = 1
MSTTRC = 1
MSTTRG = 1
−
1
−
mA
Low-
speed
on-chip
oscillator
mode
Off
Off
Off
125
kHz
Divide-
by-8
FMR27 = 1
VCA20 = 0
−
90
400
µA
Low-
speed
clock
mode
Off
32
kHz
Off
Off
No
division
FMR27 = 1
VCA20 = 0
−
100 400
µA
Off
32
kHz
Off
Off
No
division
FMSTP = 1
VCA20 = 0
Flash memory off
Program operation on RAM
−
55
−µA
Wait
mode
Off
Off
Off
125
kHz
−
VCA27 = 0
VCA26 = 0
VCA25 = 0
VCA20 = 1
While a WAIT instruction is executed
Peripheral clock operation
−
15
100
µA
Off
Off
Off
125
kHz
−
VCA27 = 0
VCA26 = 0
VCA25 = 0
VCA20 = 1
CM02 = 1
CM01 = 1
While a WAIT instruction is executed
Peripheral clock off
−
490
µA
Off
32
kHz
Off
Off
−
VCA27 = 0
VCA26 = 0
VCA25 = 0
VCA20 = 1
CM02 = 1
CM01 = 0
While a WAIT
instruction is
executed
Peripheral clock off
Timer RE operation
in real-time clock
mode
LCD drive control
circuit (4)
When external division
resistors are used
−
7
−µA
LCD drive control
circuit (5)
When the internal
voltage multiplier is used
−
12
−µA
Off
32
kHz
Off
Off
−
VCA27 = 0
VCA26 = 0
VCA25 = 0
VCA20 = 1
CM02 = 1
CM01 = 1
While a WAIT instruction is executed
Peripheral clock off
Timer RE operation in real-time clock mode
−
3.5
−µA
Stop
mode
Off
Off
Off
Off
−
VCA27 = 0
VCA26 = 0
VCA25 = 0
CM10 = 1
Topr = 25
°C
Peripheral clock off
−
2.0
5.0
µA
Off
Off
Off
Off
−
VCA27 = 0
VCA26 = 0
VCA25 = 0
CM10 = 1
Topr = 85
°C
Peripheral clock off
−
15
−µA
Power-
off mode
Off
Off
Off
Off
−−
Power-off 0
Topr = 25
°C
− 0.02 0.2 µA
Off
Off
Off
Off
−−
Power-off 0
Topr = 85
°C
−
0.4
−µA
Off
32
kHz
Off
Off
−−
Power-off 1
Topr = 25
°C
−
1.3
2.6
µA
Off
32
kHz
Off
Off
−−
Power-off 1
Topr = 85
°C
−
1.5
−µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com