công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F103T8U7TR bảng dữ liệu(PDF) 29 Page - STMicroelectronics

tên linh kiện STM32F103T8U7TR
Giải thích chi tiết về linh kiện  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103T8U7TR bảng dữ liệu(HTML) 29 Page - STMicroelectronics

Back Button STM32F103T8U7TR Datasheet HTML 25Page - STMicroelectronics STM32F103T8U7TR Datasheet HTML 26Page - STMicroelectronics STM32F103T8U7TR Datasheet HTML 27Page - STMicroelectronics STM32F103T8U7TR Datasheet HTML 28Page - STMicroelectronics STM32F103T8U7TR Datasheet HTML 29Page - STMicroelectronics STM32F103T8U7TR Datasheet HTML 30Page - STMicroelectronics STM32F103T8U7TR Datasheet HTML 31Page - STMicroelectronics STM32F103T8U7TR Datasheet HTML 32Page - STMicroelectronics STM32F103T8U7TR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 96 page
background image
STM32F103x8, STM32F103xB
Pinouts and pin description
Doc ID 13587 Rev 12
29/96
H7
-
-
-
46
-
PE15
I/O FT
PE15
TIM1_BKIN
J7
21
G7
29
47
-
PB10
I/O FT
PB10
I2C2_SCL/
USART3_TX(8)
TIM2_CH3
K7
22
H7
30
48
-
PB11
I/O FT
PB11
I2C2_SDA/
USART3_RX(8)
TIM2_CH4
E7
23
D6
31
49
18
VSS_1
SVSS_1
F7
24
E6
32
50
19
VDD_1
SVDD_1
K8
25
H8
33
51
-
PB12
I/O FT
PB12
SPI2_NSS/
I2C2_SMBAl/
USART3_CK(8)/
TIM1_BKIN(8)
J8
26
G8
34
52
-
PB13
I/O FT
PB13
SPI2_SCK/
USART3_CTS(8)/
TIM1_CH1N (8)
H8
27
F8
35
53
-
PB14
I/O FT
PB14
SPI2_MISO/
USART3_RTS(8)
TIM1_CH2N (8)
G8
28
F7
36
54
-
PB15
I/O FT
PB15
SPI2_MOSI/
TIM1_CH3N(8)
K9
-
-
-
55
-
PD8
I/O FT
PD8
USART3_TX
J9
-
-
-
56
-
PD9
I/O FT
PD9
USART3_RX
H9
-
-
-
57
-
PD10
I/O FT
PD10
USART3_CK
G9
-
-
-
58
-
PD11
I/O FT
PD11
USART3_CTS
K10
-
-
-
59
-
PD12
I/O FT
PD12
TIM4_CH1 /
USART3_RTS
J10
-
-
-
60
-
PD13
I/O FT
PD13
TIM4_CH2
H10
-
-
-
61
-
PD14
I/O FT
PD14
TIM4_CH3
G10
-
-
-
62
-
PD15
I/O FT
PD15
TIM4_CH4
F10
-
F6
37
63
-
PC6
I/O FT
PC6
TIM3_CH1
E10
E7
38
64
-
PC7
I/O FT
PC7
TIM3_CH2
F9
E8
39
65
-
PC8
I/O FT
PC8
TIM3_CH3
E9
-
D8
40
66
-
PC9
I/O FT
PC9
TIM3_CH4
D9
29
D7
41
67
20
PA8
I/O FT
PA8
USART1_CK/
TIM1_CH1(8)/MCO
Table 5.
Medium-density STM32F103xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96