công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NISCXI-1130 bảng dữ liệu(PDF) 3 Page - National Instruments Corporation

tên linh kiện NISCXI-1130
Giải thích chi tiết về linh kiện  High-Density Multiconfiguration Multiplexer/Matrix
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NI [National Instruments Corporation]
Trang chủ  http://www.NI.com
Logo NI - National Instruments Corporation

NISCXI-1130 bảng dữ liệu(HTML) 3 Page - National Instruments Corporation

  NISCXI-1130 Datasheet HTML 1Page - National Instruments Corporation NISCXI-1130 Datasheet HTML 2Page - National Instruments Corporation NISCXI-1130 Datasheet HTML 3Page - National Instruments Corporation NISCXI-1130 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
High-Density Multiconfiguration Multiplexer/Matrix
3
National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
PXI-2530
Multiplexer sizes ....................................... 128x1 (1-wire)
64x1 (2-wire)
32x1 (4-wire)
16x1 (1-wire) (8)
Matrix sizes ............................................... 4x32 (1-wire)
8x16 (1-wire)
4x16 (2-wire)
SCXI-1130
Multiplexer sizes ....................................... 256x1 (1-wire)
128x1 (2-wire)
64x1 (4-wire)
16x1 (1-wire) (16)
Matrix sizes ............................................... 4x64 (1-wire)
8x32 (1-wire)
4x32 (2-wire)
Input Characteristics
Maximum switching voltage............................ 60 VDC, 30 Vrms, CAT I (channel-to-channel
and channel-to-ground)
Maximum current ............................................. 0.4 A (per terminal or internal path)
Maximum switching power ............................. 10 W (per channel, resistive)
Typical DC path resistance
(channel-to-common)
Initial ................................................... <2
Ω
End of life............................................
≥3 Ω
Dynamic Characteristics
Maximum scan rate ......................................... 900 channels/s
Expected relay life
Mechanical ................................................ 109 operations
Electrical .................................................... 108 operations (10 V, 100 mA, resistive)
Physical
Relay types ....................................................... reed
Contact material............................................... rhodium
I/O connectors .................................................. 176-pin docking station plug
Dimensions
PXI-2530..................................................... 2 x 10 x 16 cm (.8 x 3.9 x 6.4 in.)
SCXI-1130 .................................................. 3.0 x 17.2 x 20.3 cm (1.2 x 6.9 x 8.0 in.)
Environment
Operating temperature..................................... 0 to 55 ˚C
Storage temperature ........................................ -40 to 70 ˚C
Relative humidity ............................................. 5 to 85% noncondensing
Pollution degree ............................................... 2
Indoor use only
Safety
This product is designed to meet the requirements of the following standards of safety for electrical
equipment for measurement, control, and laboratory use:
• IEC 61010-1, EN 61010-1
• UL 3111-1, UL 61010B-1
• CAN/CSA C22.2 No. 1010.1
CE Compliance
This product meets the essential requirements of applicable European Directives,
as amended for CE marking, as follows:
Low-Voltage Directive (safety) .................. 73/23/EEC
Electromagnetic Compatibility
Directive (EMC) ................................... 89/336/EEC
Specifications



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com