| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STCD1030PDM6F bảng dữ liệu(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STCD1030PDM6F bảng dữ liệu(HTML) 26 Page - STMicroelectronics |
|
26 / 40 page ![]() Typical operating characteristics STCD1020, STCD1030, STCD1040 26/40 Doc ID 13823 Rev 6 Figure 26. Standby current (ISB) vs. supply voltage (VCC) (STCD1040, 1.8 V version, EN1=EN2=EN3=EN4=0, no master clock input) Figure 27. Active current (IACT) vs. supply voltage (VCC) (STCD1040, 1.8 V version, EN1=EN2=EN3=EN4=1, 26 MHz sine wave master clock input from TCXO) Figure 28. Active current (IACT) vs. master clock input voltage level (Vpp) (STCD1040, 1.8 V version, EN1=EN2=EN3=EN4=1, 26 MHz sine wave master clock input) -1 -0.5 0 0.5 1 Supply voltage (V) AM03054v1 0 2 4 6 1.5 1.6 1.7 1.8 1.9 2 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 Supply voltage (V) 10pF 20pF 30pF AM03055v1 0 1 2 3 4 5 6 Master clock voltage level Vpp(V) 10pF 20pF 30pF AM03056v1 |