công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STCD1030RDG6F bảng dữ liệu(PDF) 13 Page - STMicroelectronics

tên linh kiện STCD1030RDG6F
Giải thích chi tiết về linh kiện  Multichannel clock distribution circuit
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD1030RDG6F bảng dữ liệu(HTML) 13 Page - STMicroelectronics

Back Button STCD1030RDG6F Datasheet HTML 9Page - STMicroelectronics STCD1030RDG6F Datasheet HTML 10Page - STMicroelectronics STCD1030RDG6F Datasheet HTML 11Page - STMicroelectronics STCD1030RDG6F Datasheet HTML 12Page - STMicroelectronics STCD1030RDG6F Datasheet HTML 13Page - STMicroelectronics STCD1030RDG6F Datasheet HTML 14Page - STMicroelectronics STCD1030RDG6F Datasheet HTML 15Page - STMicroelectronics STCD1030RDG6F Datasheet HTML 16Page - STMicroelectronics STCD1030RDG6F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
STCD1020, STCD1030, STCD1040
Application information
Doc ID 13823 Rev 6
13/40
Figure 8.
Typical application circuit using STCD1040 for baseband peripherals in
mobile phone
4.2
Connection of the source clock to MCLK
If the output of the clock source voltage level is within the supply rails of the STCD1020,
STCD1030 and STCD1040, the output of the source clock should be connected directly to
the MCLK of the clock distribution circuits. This is described in Figure 9. The direct
connection of the source clock is the common case and a DC-CUT capacitor is saved on
PCB.
Figure 9.
Direct connection of the source clock
Note:
The input clock voltage level of the STCD1020, STCD1030, and STCD1040 cannot exceed
the supply rails when it is directly connected to the source clock. If it is needed to connect a
source clock with the voltage level exceeds the supply rails of the clock distribution circuits,
the user needs to connect a DC-CUT capacitor serially as shown in Figure 10. A voltage
divider formed by a resistor string is also needed to set a proper DC bias for the clock input
GND
CLK1
EN1
CLK2
EN2
CLK3
EN3
CLK4
VCC
BT_External_Req
VCC
MCLK
VCTCXO
STCD1040 EN4
Bluetooth
WLAN
GPS
Other
device
ai13955
STCD1020
STCD1030
STCD1040
VCTCXO
MCLK
OUT
VCC
ai13956



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com