| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M24M01-HWCS3TG/A bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24M01-HWCS3TG/A bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 37 page ![]() Signal description M24M01-R, M24M01-W, M24M01-HR 10/37 Doc ID 12943 Rev 7 Figure 5. M24M01-R/M24M01-W – Maximum Rbus value versus bus parasitic capacitance (Cbus) for an I 2C bus at maximum frequency f C = 400 kHz Figure 6. M24M01-HR – Maximum Rbus value versus bus parasitic capacitance (Cbus) for an I 2C bus at maximum frequency f C = 1MHz 1 10 100 10 100 1000 Bus line capacitor (pF) fC = 400 kHz, tLOW = 1.3 µs Rbus x Cbus time constant must be less than 500 ns I²C bus master M24xxx Rbus VCC Cbus SCL SDA ai14796 1 10 100 10 100 Bus line capacitor (pF) fC = 1 MHz, tLOW = 700 ns time constant Rbus x Cbus must be less than 270 ns time constant Rbus x Cbus must be less than 100 ns ai14795c I²C bus master M24xxx Rbus VCC Cbus SCL SDA fC = 1 MHz, tLOW = 400 ns, (min possible value) (max possible value) |