| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STMPS2141MTR bảng dữ liệu(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPS2141MTR bảng dữ liệu(HTML) 26 Page - STMicroelectronics |
|
26 / 34 page ![]() Package mechanical data STMPS2141, STMPS2151, STMPS2161, STMPS2171 26/34 Doc ID 13793 Rev 4 8 Package mechanical data In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 53. SOT23-5L package outline Table 17. SOT23-5L mechanical data Symbol. Millimeters Inches Min Typ Max Min Typ Max A 0.90 − 1.45 35.4 − 57.1 −− − − − − A1 0.00 − 0.10 0.0 − 3.9 A2 0.90 − 1.30 35.4 − 51.2 b 0.35 − 0.50 13.7 − 19.7 C 0.09 − 0.20 3.5 − 7.8 D 2.80 − 3.00 110.2 − 118.1 E 1.50 − 1.75 59.0 − 68.8 e − 0.95 −− 37.4 − H 2.60 − 3.00 102.3 − 118.1 L 0.10 − 0.60 3.9 − 23.6 . |