công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M95256-RMW3TG/K bảng dữ liệu(PDF) 6 Page - STMicroelectronics

tên linh kiện M95256-RMW3TG/K
Giải thích chi tiết về linh kiện  256 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-RMW3TG/K bảng dữ liệu(HTML) 6 Page - STMicroelectronics

Back Button M95256-RMW3TG/K Datasheet HTML 2Page - STMicroelectronics M95256-RMW3TG/K Datasheet HTML 3Page - STMicroelectronics M95256-RMW3TG/K Datasheet HTML 4Page - STMicroelectronics M95256-RMW3TG/K Datasheet HTML 5Page - STMicroelectronics M95256-RMW3TG/K Datasheet HTML 6Page - STMicroelectronics M95256-RMW3TG/K Datasheet HTML 7Page - STMicroelectronics M95256-RMW3TG/K Datasheet HTML 8Page - STMicroelectronics M95256-RMW3TG/K Datasheet HTML 9Page - STMicroelectronics M95256-RMW3TG/K Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Description
M95256-DR, M95256, M95256-W, M95256-R
6/48
Doc ID 12276 Rev 11
1
Description
The M95256, M95256-W, M95256-R and M95256-DR are electrically erasable
programmable memory (EEPROM) devices. They are accessed by a high speed SPI-
compatible bus. Their memory array is organized as 32768 × 8 bits.
The M95256-DR also offers an additional page, named the Identification Page (64 bytes)
which can be written and (later) permanently locked in Read-only mode. This Identification
Page offers flexibility in the application board production line, as the Identification Page can
be used to store unique identification parameters and/or parameters specific to the
production line.
The device is accessed by a simple serial interface that is SPI-compatible.
Figure 1.
Logic diagram
The bus signals are C, D and Q, as shown in Table 1 and Figure 1.
The device is selected when Chip Select (S) is taken low. Communications with the device
can be interrupted using Hold (HOLD).
Figure 2.
8-pin package connections
1.
See Section 10: Package mechanical data for package dimensions, and how to identify pin-1.
Caution:
As EEPROM cells loose their charge (and so their binary value) when exposed to ultra violet
(UV) light, EEPROM dice delivered in wafer form or in WLCSP package by
ST Microelectronics must never be exposed to UV light.
AI12361
S
VCC
M95256
HOLD
VSS
W
Q
C
D
D
VSS
C
HOLD
Q
SVCC
W
AI12362
M95256
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48