công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX5940BESA bảng dữ liệu(PDF) 3 Page - Maxim Integrated Products

tên linh kiện MAX5940BESA
Giải thích chi tiết về linh kiện  IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5940BESA bảng dữ liệu(HTML) 3 Page - Maxim Integrated Products

  MAX5940BESA Datasheet HTML 1Page - Maxim Integrated Products MAX5940BESA Datasheet HTML 2Page - Maxim Integrated Products MAX5940BESA Datasheet HTML 3Page - Maxim Integrated Products MAX5940BESA Datasheet HTML 4Page - Maxim Integrated Products MAX5940BESA Datasheet HTML 5Page - Maxim Integrated Products MAX5940BESA Datasheet HTML 6Page - Maxim Integrated Products MAX5940BESA Datasheet HTML 7Page - Maxim Integrated Products MAX5940BESA Datasheet HTML 8Page - Maxim Integrated Products MAX5940BESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
IEEE 802.3af PD Interface Controller
For Power-Over-Ethernet
_______________________________________________________________________________________
3
Note 1:
All min/max limits are production tested at +85°C. Limits at +25°C and -40°C are guaranteed by design.
Note 2:
The input offset current is illustrated in Figure 1.
Note 3:
Effective differential input resistance is defined as the differential resistance between GND and VEE without any external
resistance. See Figure 1.
Note 4:
Classification current is turned off whenever the IC is in power mode.
Note 5:
See Table 2 in the PD Classification Mode section. RDISC and RCL must be ±1%, 100ppm or better. ICLASS includes the IC
bias current and the current drawn by RDISC.
Note 6:
See the Thermal Dissipation section for details.
Note 7:
When UVLO is connected to the midpoint of an external resistor-divider with a series resistance of 25.5k
Ω (±1%), the turn-
on threshold set-point for the power mode is defined by the external resistor-divider. Make sure the voltage on the UVLO
pin does not exceed its maximum rating of 8V when VIN is at the maximum voltage (MAX5940B only).
Note 8:
When the UVLO input voltage is below VTH,G,UVLO, the MAX5940B sets the UVLO threshold internally.
Note 9:
An input voltage or VUVLO glitch below their respective thresholds shorter than or equal to tOFF_DLY does not cause the
MAX5940A/MAX5940B/MAX5940C/MAX5940D to exit power-on mode (as long as the input voltage remains above an opera-
ble voltage level of 12V).
Note 10: Guaranteed by design.
Note 11: PGOOD references to OUT while PGOOD references to VEE.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
UVLO Input Ground Sense
Threshold (Note 8)
VTH,G,UVLO
50
440
mV
UVLO Input Ground Sense Glitch
Rejection
UVLO = VEE
7µs
Power Turn-Off Voltage,
Undervoltage Lockout Deglitch
Time (Note 9)
tOFF_DLY
VIN, VUVLO falling
0.32
ms
TA = +25°C
(Note 10)
0.6
1.1
Isolation Switch N-Channel
MOSFET On-Resistance
RON
Output current =
300mA, VGATE = 6V,
measured between
OUT and VEE
TA = +85°C
0.8
1.5
Ω
Isolation Switch N-Channel
MOSFET Off-Threshold Voltage
VGSTH
OUT = GND, VGATE - VEE, output current
< 1µA
0.5
V
GATE Pulldown Switch Resistance
RG
Power-off mode, VIN = 12V,
UVLO = VEE for MAX5940B
38
80
Ω
GATE Charging Current
IG
VGATE = 2V
5
10
15
µA
GATE High Voltage
VGATE
IGATE = 1µA
5.59
5.76
5.93
V
VOUT - VEE, |VOUT - VEE| decreasing,
VGATE = 5.75V
1.16
1.23
1.31
V
PGOOD, PGOOD Assertion VOUT
Threshold
VOUTEN
Hysteresis
70
mV
(GATE - VEE) increasing, OUT = VEE
4.62
4.76
4.91
V
PGOOD, PGOOD Assertion VGATE
Threshold
VGSEN
Hysteresis
80
mV
PGOOD, PGOOD Output Low
Voltage (Note 11)
VOLDCDC
ISINK = 2mA; for PGOOD, OUT
≤
(GND - 5V)
0.4
V
PGOOD Leakage Current (Note 11)
GATE = high, GND - VOUT = 67V
1
µA
PGOOD Leakage Current (Note 11)
GATE = VEE, PGOOD - VEE = 67V
1
µA
ELECTRICAL CHARACTERISTICS (continued)
(VIN = (GND - VEE) = 48V, GATE = PGOOD = PGOOD = OUT = OPEN, UVLO = VEE, TA = -40
°C to +85°C, unless otherwise noted.
Typical values are at TA = +25
°C. All voltages are referenced to VEE, unless otherwise noted.) (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com