| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95256-RMW6G/A bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95256-RMW6G/A bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 48 page ![]() Description M95256-DR, M95256, M95256-W, M95256-R 6/48 Doc ID 12276 Rev 11 1 Description The M95256, M95256-W, M95256-R and M95256-DR are electrically erasable programmable memory (EEPROM) devices. They are accessed by a high speed SPI- compatible bus. Their memory array is organized as 32768 × 8 bits. The M95256-DR also offers an additional page, named the Identification Page (64 bytes) which can be written and (later) permanently locked in Read-only mode. This Identification Page offers flexibility in the application board production line, as the Identification Page can be used to store unique identification parameters and/or parameters specific to the production line. The device is accessed by a simple serial interface that is SPI-compatible. Figure 1. Logic diagram The bus signals are C, D and Q, as shown in Table 1 and Figure 1. The device is selected when Chip Select (S) is taken low. Communications with the device can be interrupted using Hold (HOLD). Figure 2. 8-pin package connections 1. See Section 10: Package mechanical data for package dimensions, and how to identify pin-1. Caution: As EEPROM cells loose their charge (and so their binary value) when exposed to ultra violet (UV) light, EEPROM dice delivered in wafer form or in WLCSP package by ST Microelectronics must never be exposed to UV light. AI12361 S VCC M95256 HOLD VSS W Q C D D VSS C HOLD Q SVCC W AI12362 M95256 1 2 3 4 8 7 6 5 |