công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M95256-RCS3TG/A bảng dữ liệu(PDF) 28 Page - STMicroelectronics

tên linh kiện M95256-RCS3TG/A
Giải thích chi tiết về linh kiện  256 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-RCS3TG/A bảng dữ liệu(HTML) 28 Page - STMicroelectronics

Back Button M95256-RCS3TG/A Datasheet HTML 24Page - STMicroelectronics M95256-RCS3TG/A Datasheet HTML 25Page - STMicroelectronics M95256-RCS3TG/A Datasheet HTML 26Page - STMicroelectronics M95256-RCS3TG/A Datasheet HTML 27Page - STMicroelectronics M95256-RCS3TG/A Datasheet HTML 28Page - STMicroelectronics M95256-RCS3TG/A Datasheet HTML 29Page - STMicroelectronics M95256-RCS3TG/A Datasheet HTML 30Page - STMicroelectronics M95256-RCS3TG/A Datasheet HTML 31Page - STMicroelectronics M95256-RCS3TG/A Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Connecting to the SPI bus
M95256-DR, M95256, M95256-W, M95256-R
28/48
Doc ID 12276 Rev 11
the transmission of an instruction), the clock line (C) must be connected to an external pull-
down resistor so that, if all inputs/outputs become high impedance, the C line is pulled low
(while the S line is pulled high): this ensures that S and C do not become high at the same
time, and so, that the tSHCH requirement is met. The typical value of R is 100 k.
7.1
SPI modes
These devices can be driven by a microcontroller with its SPI peripheral running in either of
the two following modes:
●
CPOL=0, CPHA=0
●
CPOL=1, CPHA=1
For these two modes, input data is latched in on the rising edge of Serial Clock (C), and
output data is available from the falling edge of Serial Clock (C).
The difference between the two modes, as shown in Figure 18, is the clock polarity when the
bus master is in Stand-by mode and not transferring data:
●
C remains at 0 for (CPOL=0, CPHA=0)
●
C remains at 1 for (CPOL=1, CPHA=1)
Figure 18.
SPI modes supported
AI01438B
C
MSB
CPHA
D
0
1
CPOL
0
1
Q
C
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48