| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M41T82RMY6E bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T82RMY6E bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 61 page ![]() M41T82-M41T83 Description Doc ID 12578 Rev 12 9/61 Figure 3. SO8 (M) connections (M41T82) 1. Open drain output Figure 4. QFN16 (QA) connections (M41T83) 1. Open drain output. 2. Defaults to 32 KHz on power-up. Figure 5. SOX18 (MY) connections (M41T83) 1. NF pins must be tied to VSS. Pins 2 and 3, and 16 and 17 are internally shorted together. 2. Open drain output. 3. Do not use (must be tied to VCC). 4. Defaults to 32 KHz on power-up. 2 3 45 6 8 7 1 FT/RST (1) SDA VBAT SCL VSS XO XI VCC M41T82 AI11199 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 RST (1) NC SQW (2) NC IRQ2 (1) SCL SDA IRQ1/FT/OUT (1) AI11197 M41T83 8 2 3 4 5 6 7 9 12 11 10 18 17 16 15 14 13 1 NF (1) DU (3) SQW (4) NC RST (2) IRQ2 (2) SCL SDA VSS VBAT NF (1) NC VCC M41T83 IRQ1/FT/OUT (2) NF (1) NF (1) NC NC AI11198 |