| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST10F276Z5 bảng dữ liệu(PDF) 190 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F276Z5 bảng dữ liệu(HTML) 190 Page - STMicroelectronics |
|
190 / 239 page ![]() Electrical characteristics ST10F276Z5 190/239 Nonlinearity error Nonlinearity error is the deviation between actual and the best-fitting A/D conversion charac- teristics (see Figure 46): – Differential nonlinearity error is the actual step dimension versus the ideal one (1 LSBIDEAL). – Integral nonlinearity error is the distance between the center of the actual step and the center of the bisector line, in the actual characteristics. Note that for integral nonlinearity error, the effect of offset, gain and quantization errors is not included. Note: Bisector characteristic is obtained drawing a line from 1/2 LSB before the first step of the real characteristic, and 1/2 LSB after the last step again of the real characteristic. 23.7.3 Total unadjusted error The total unadjusted error (TUE) specifies the maximum deviation from the ideal character- istic: The number provided in the datasheet represents the maximum error with respect to the entire characteristic. It is a combination of the offset, gain and integral linearity errors. The different errors may compensate each other depending on the relative sign of the offset and gain errors. Refer to Figure 46, see TUE. Figure 46. A/D conversion characteristic (2) (1) (3) (4) (5) Offset error OFS Offset error OFS Gain error GE 1 LSB (ideal) VAIN (LSBIDEAL) [LSBIDEAL = VAREF / 1024] Digital out (HEX) 3FF 3FE 3FD 3FC 3FB 3FA 005 004 003 002 001 000 007 006 (1) Example of an actual transfer curve (2) The ideal transfer curve (3) Differential Nonlinearity Error (DNL) (4) Integral Nonlinearity Error (INL) (5) Center of a step of the actual transfer curve (6) Quantization Error (1/2 LSB) (7) Total Unadjusted Error (TUE) 13 5 7 1024 1022 1020 1018 24 6 (6) (7) Bisector characteristic Ideal characteristic |