công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M95256-DR bảng dữ liệu(PDF) 26 Page - STMicroelectronics

tên linh kiện M95256-DR
Giải thích chi tiết về linh kiện  256 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-DR bảng dữ liệu(HTML) 26 Page - STMicroelectronics

Back Button M95256-DR Datasheet HTML 22Page - STMicroelectronics M95256-DR Datasheet HTML 23Page - STMicroelectronics M95256-DR Datasheet HTML 24Page - STMicroelectronics M95256-DR Datasheet HTML 25Page - STMicroelectronics M95256-DR Datasheet HTML 26Page - STMicroelectronics M95256-DR Datasheet HTML 27Page - STMicroelectronics M95256-DR Datasheet HTML 28Page - STMicroelectronics M95256-DR Datasheet HTML 29Page - STMicroelectronics M95256-DR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
Instructions
M95256-DR, M95256, M95256-W, M95256-R
26/48
Doc ID 12276 Rev 11
The instruction is not accepted, and so not executed, under the following conditions:
●
if the Write Enable Latch (WEL) bit has not been set to 1 (by previously executing a
Write Enable instruction)
●
if Status register bits (BP1,BP0) = (1,1)
●
if a write cycle is already in progress
●
if the device has not been deselected, by Chip Select (S) being driven high, at a byte
boundary (after the eighth bit, b0, of the last data byte that was latched in)
●
if the Identification page is locked by the Lock Status bit
Figure 16.
Lock ID sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48