| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S5000PAL bảng dữ liệu(PDF) 14 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
S5000PAL bảng dữ liệu(HTML) 14 Page - Intel Corporation |
|
14 / 112 page ![]() Intel ® Server Board S5000PAL / S5000XAL TPS Product Overview Revision 1.7 Intel order number: D31979-010 15 2.2.1 Connector and Component Locations The following figure shows the board layout of the server board. Each connector and major component is identified by a number or letter, and a description is given below the figure. TP02071 M N O L J K V U S T R W Q P PP MM LL KK II HH GG FF EE DD CC BB AA Z Y X B A E D F H G C I NN OO QQ JJ |