công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DQ965GF bảng dữ liệu(PDF) 49 Page - Intel Corporation

tên linh kiện DQ965GF
Giải thích chi tiết về linh kiện  Technical Product Specification
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

DQ965GF bảng dữ liệu(HTML) 49 Page - Intel Corporation

Back Button DQ965GF Datasheet HTML 45Page - Intel Corporation DQ965GF Datasheet HTML 46Page - Intel Corporation DQ965GF Datasheet HTML 47Page - Intel Corporation DQ965GF Datasheet HTML 48Page - Intel Corporation DQ965GF Datasheet HTML 49Page - Intel Corporation DQ965GF Datasheet HTML 50Page - Intel Corporation DQ965GF Datasheet HTML 51Page - Intel Corporation DQ965GF Datasheet HTML 52Page - Intel Corporation DQ965GF Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 104 page
background image
49
2
Technical Reference
What This Chapter Contains
2.1 Memory Map................................................................................... 49
2.2 DMA Channels................................................................................. 51
2.3 Fixed I/O Map ................................................................................. 52
2.4 PCI Configuration Space Map ............................................................ 53
2.5 Interrupts ...................................................................................... 54
2.6 PCI Interrupt Routing Map ................................................................ 55
2.7 Connectors and Headers................................................................... 56
2.8 Jumper Block .................................................................................. 67
2.9 Mechanical Considerations ................................................................ 68
2.10 Electrical Considerations................................................................... 73
2.11 Thermal Considerations .................................................................... 75
2.12 Reliability ....................................................................................... 77
2.13 Environmental ................................................................................ 78
2.1
Memory Map
2.1.1
Addressable Memory
The board utilizes 8 GB of addressable system memory. Typically the address space
that is allocated for PCI Conventional bus add-in cards, PCI Express configuration
space, BIOS (SPI Flash), and chipset overhead resides above the top of DRAM (total
system memory). On a system that has 8 GB of system memory installed, it is not
possible to use all of the installed memory due to system address space being
allocated for other system critical functions. These functions include the following:
•
BIOS/ SPI Flash (16 Mbits)
•
Local APIC (19 MB)
•
Digital Media Interface (40 MB)
•
Front side bus interrupts (17 MB)
•
PCI Express configuration space (256 MB)
•
GMCH base address registers, internal graphics ranges, PCI Express ports (up to
512 MB)
•
Memory-mapped I/O that is dynamically allocated for PCI Conventional and PCI
Express add-in cards
•
Manageability Engine support (6 MB)
•
Base graphics memory support (1 MB or 8 MB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More