công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M95512-WDW6G/AB bảng dữ liệu(PDF) 6 Page - STMicroelectronics

tên linh kiện M95512-WDW6G/AB
Giải thích chi tiết về linh kiện  512 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-WDW6G/AB bảng dữ liệu(HTML) 6 Page - STMicroelectronics

Back Button M95512-WDW6G/AB Datasheet HTML 2Page - STMicroelectronics M95512-WDW6G/AB Datasheet HTML 3Page - STMicroelectronics M95512-WDW6G/AB Datasheet HTML 4Page - STMicroelectronics M95512-WDW6G/AB Datasheet HTML 5Page - STMicroelectronics M95512-WDW6G/AB Datasheet HTML 6Page - STMicroelectronics M95512-WDW6G/AB Datasheet HTML 7Page - STMicroelectronics M95512-WDW6G/AB Datasheet HTML 8Page - STMicroelectronics M95512-WDW6G/AB Datasheet HTML 9Page - STMicroelectronics M95512-WDW6G/AB Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Description
M95512-W, M95512-R
6/48
Doc ID 11124 Rev 13
1
Description
The M95512-W, M95512-R and M95512-DR are electrically erasable programmable
memory (EEPROM) devices accessed by a high-speed SPI-compatible bus. In the rest of
the document these devices are referred to as M95512, unless otherwise specified.
The M95512-DR also offers an additional page, named the Identification Page (128 bytes)
which can be written and (later) permanently locked in Read-only mode. This Identification
Page offers flexibility in the application board production line, as it can be used to store
unique identification parameters and/or parameters specific to the production line.
Figure 1.
Logic diagram
The memory array is organized as 65536 × 8 bit. The device is accessed by a simple serial
interface that is SPI-compatible. The bus signals are C, D and Q, as shown in Table 1 and
Figure 1.
The device is selected when Chip Select (S) is taken low. Communications with the device
can be interrupted using Hold (HOLD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48