công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NCE75H21 bảng dữ liệu(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

tên linh kiện NCE75H21
Giải thích chi tiết về linh kiện  NCE N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Trang chủ  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE75H21 bảng dữ liệu(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE75H21 Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE75H21 Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE75H21 Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE75H21 Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE75H21 Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE75H21 Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE75H21 Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NCE75H21
Pb Free Product
http://www.ncepower.com
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.0
1
NCE N-Channel Enhancement Mode Power MOSFET
DESCRIPTION
The NCE75H21 uses advanced trench technology and design
to provide excellent RDS(ON) with low gate charge. It can be
used in Automotive applications and a wide variety of other
applications.
GENERAL FEATURES
●
VDSS =75V,ID =210A
RDS(ON) < 4mΩ @ VGS=10V
●
Good stability and uniformity with high EAS
●
Special process technology for high ESD capability
●
High density cell design for ultra low Rdson
●
Fully characterized Avalanche voltage and current
●
Excellent package for good heat dissipation
Application
●
Automotive applications
●
Hard Switched and High Frequency Circuits
●
Uninterruptible Power Supply
100% UIS TESTED!
100% ΔVds TESTED!
Schematic diagram
Marking and pin Assignment
TO-220
top view
Package Marking And Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
NCE75H21
NCE75H21
TO-220
-
-
-
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDSS
75
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
210
A
Drain Current-Continuous(TC=100℃)
ID (100℃)
150
A
Pulsed Drain Current
IDM
850
A
Maximum Power Dissipation
PD
480
W
Derating factor
3.2
W/℃
Single pulse avalanche energy (Note 3)
EAS
2200
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
5
V/ns
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 175
℃


Số phần tương tự - NCE75H21

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wuxi NCE Power Semicond...
NCE75H21B NCEPOWER-NCE75H21B Datasheet
420Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21D NCEPOWER-NCE75H21D Datasheet
342Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21T NCEPOWER-NCE75H21T Datasheet
354Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21TB NCEPOWER-NCE75H21TB Datasheet
348Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
More results

Mô tả tương tự - NCE75H21

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wuxi NCE Power Semicond...
NCE55H11 NCEPOWER-NCE55H11 Datasheet
376Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21T NCEPOWER-NCE75H21T Datasheet
354Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0128D NCEPOWER-NCE0128D Datasheet
326Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0160S NCEPOWER-NCE0160S Datasheet
401Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE2302 NCEPOWER-NCE2302 Datasheet
306Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE3080K NCEPOWER-NCE3080K Datasheet
355Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE01H16 NCEPOWER-NCE01H16 Datasheet
369Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE70H13 NCEPOWER-NCE70H13 Datasheet
407Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1490 NCEPOWER-NCE1490 Datasheet
375Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1530KC NCEPOWER-NCE1530KC Datasheet
419Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com