| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM692ADS6F bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM692ADS6F bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 43 page ![]() DC and AC parameters STM690A/692A/703/704/802/805/817/818/819 32/43 Doc ID 10522 Rev 10 5 DC and AC parameters This section summarizes the operating measurement conditions, and the DC and AC characteristics of the device. The parameters in the DC and AC characteristics Tables that follow, are derived from tests performed under the measurement conditions summarized in Table 6: Operating and AC measurement conditions. Designers should check that the operating conditions in their circuit match the operating conditions when relying on the quoted parameters. Figure 39. E to ECON propagation delay test circuit 1. CL includes load capacitance and scope probe capacitance. Table 6. Operating and AC measurement conditions Parameter STM690A/692A/703/704/802/805/ 817/818/819 Unit VCC/VBAT supply voltage 1.0 to 5.5 V Ambient operating temperature (TA) –40 to 85 °C Input rise and fall times ≤ 5ns Input pulse voltages 0.2 to 0.8VCC V Input and output timing ref. voltages 0.3 to 0.7VCC V AI08854 VBAT ECON VCC VCC 3.6V 50pF CL (1) 25 Equivalent Source Impedance 50 Cable 50 50 STMXXX GND E |