| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NISCXI-1129 bảng dữ liệu(PDF) 4 Page - National Instruments Corporation |
|
|
|||||||||||||||||||||||||||||
NISCXI-1129 bảng dữ liệu(HTML) 4 Page - National Instruments Corporation |
|
4 / 5 page ![]() BUY ONLINE at ni.com or C ALL 800 813 3693 (U.S.) 4 High-Density Multiconfiguration Matrix Modules Safety Compliance IEC 61010-1, EN 61010-1 ■ UL 61010-01, CSA 61010-1 ■ Electromagnetic Compatibility This product meets the requirements of the following EMC standards for electrical equipment for measurement, control, and laboratory use: EN 61326 (IEC 61326): Class A emissions; Basic immunity ■ EN 55011 (CISPR 11): Group 1, Class A emissions ■ AS/NZS CISPR 11: Group 1, Class A emissions ■ FCC 47 CFR Part 15B: Class A emissions ■ ICES-001: Class A emissions ■ Note: For EMC compliance, operate this product according to the documentation. CE Compliance This product meets the essential requirements of applicable European Directives as follows: 2006/95/EC; Low-Voltage Directive (safety) ■ 2004/108/EC; Electromagnetic Compatibility Directive (EMC) ■ |