| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM811 bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM811 bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 21 page ![]() STM809/810/811/812 Description Doc ID 9873 Rev 5 5/21 1 Description The STM809/810/811/812 microprocessor reset circuits are low-power supervisory devices used to monitor power supplies. They perform a single function: asserting a reset signal whenever the VCC supply voltage drops below a preset value and keeping it asserted until VCC has risen above the preset threshold for a minimum period of time (trec). The STM811/812 also provide a push-button reset input (MR). Figure 1. Logic diagram (STM809/810) 1. For STM810 Figure 2. Logic diagram (STM811/812) 1. For STM812 Table 2. Signal names VSS Ground RST Active-low reset output RST(1) 1. STM810/812 only Active-high reset output VCC Supply voltage MR(2) 2. STM811/812 only Manual reset input AI07832 VCC STM809/810 VSS RST (RST) (1) AI07831 VCC STM811/812 VSS RST (RST) (1) MR |