| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95160-DW3P/S bảng dữ liệu(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95160-DW3P/S bảng dữ liệu(HTML) 49 Page - STMicroelectronics |
|
49 / 50 page ![]() M95160-x, M95080-x Revision history Doc ID 8028 Rev 10 49/50 12-May-2009 9 Section 4.1.2: Device reset updated. VRES added to DC characteristics tables 15, 16, 17, 18, 19 and 20. Note added to Section 6.6: Write to Memory Array (WRITE). Note 1 added to Table 19: DC characteristics (M95160-R and M95080-R). VIL and VOL modified in Table 20: DC characteristics (M95160-F). Table 24: AC characteristics (M95160-W and M95080-W, device grade 6) split into two tables: Table 24 for process GB or SB and Table 25 for process SA. M95160-F is now available in device grade 6 (Table 33: Available M95160 products (package, voltage range, temperature grade) updated. 09-Oct-2009 10 Revision number of 12-May-2009 corrected in Table 35: Document revision history. VRES corrected in Table 15: DC characteristics (M95160 and M95080, device grade 3) and Table 16: DC characteristics (M95160 and M95080, device grade 6). Table 35. Document revision history (continued) Date Revision Changes |