| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M41ST87YSS6 bảng dữ liệu(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41ST87YSS6 bảng dữ liệu(HTML) 21 Page - STMicroelectronics |
|
21 / 52 page ![]() M41ST87Y, M41ST87W Operating modes Doc ID 9497 Rev 8 21/52 Figure 15. Basic tamper detect options 1. Available in SOX28 (MX) package only. Figure 16. Tamper detect output options 1. Available in SOX28 (MX) package only. AI07818 TAMPER LO, NORMALLY OPEN TAMPER HI, NORMALLY CLOSED User Configuration TCM X, TPMX IRQ - Interrupt the processor on tamper TP CLR - Clear external RAM on tamper (1) CLR - Clear internal RAM on tamper Time stamp tamper event CLRX EXT TIE X CLRX TAMPER HI, NORMALLY OPEN TAMPER LO, NORMALLY CLOSED Triggering Event Tamper Event Output TCMX, TPMX = 1,1 TCMX, TPMX = 0,0 TCMX, TPMX = 1,0 TCMX, TPMX = 0,1 VCC (VOUT) VCC (VOUT) VCC (VOUT) AI07821 IRQ - Interrupt the processor on tamper User Configuration TPCLR - Clear external RAM on tamper (1) RESET OUT CLR - Clear 128 bytes internal RAM on tamper Time stamp tamper event (to RTC) CLR1EXT TIE1 CLR1 CLR2EXT TIE2 CLR2 (other reset sources) TEB2 TP2 TEB1 TP1 |