công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M95080-RMN6TP/S bảng dữ liệu(PDF) 48 Page - STMicroelectronics

tên linh kiện M95080-RMN6TP/S
Giải thích chi tiết về linh kiện  16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-RMN6TP/S bảng dữ liệu(HTML) 48 Page - STMicroelectronics

Back Button M95080-RMN6TP/S Datasheet HTML 42Page - STMicroelectronics M95080-RMN6TP/S Datasheet HTML 43Page - STMicroelectronics M95080-RMN6TP/S Datasheet HTML 44Page - STMicroelectronics M95080-RMN6TP/S Datasheet HTML 45Page - STMicroelectronics M95080-RMN6TP/S Datasheet HTML 46Page - STMicroelectronics M95080-RMN6TP/S Datasheet HTML 47Page - STMicroelectronics M95080-RMN6TP/S Datasheet HTML 48Page - STMicroelectronics M95080-RMN6TP/S Datasheet HTML 49Page - STMicroelectronics M95080-RMN6TP/S Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
Revision history
M95160-x, M95080-x
48/50
Doc ID 8028 Rev 10
24-May-2007
6
Document reformatted. Small text changes.
TSSOP8 3 x 3 mm (DS) package removed, 1.65 V to 5.5 V operating
voltage range removed (M95080-S and M95160-S removed).
Figure 4: Bus master and memory devices on the SPI bus updated, note 2
removed and explanatory paragraph added (see Section 3: Connecting to
the SPI bus).
Section 2.7: VCC supply voltage and Section 2.8: VSS ground added.
Power-up, Device Internal Reset and Power-down replaced by
Section 4.1: Supply voltage (VCC).
Command termination specified in Section 6.4: Write Status Register
(WRSR).
Blank process no longer available for M95160, M95080, M95160-W and
M95080-W in the device grade 3 range.
L, GB and SB processes no longer available for M95160 and M95080, in
the device grade 6 range.
L process no longer available for M95160-W and M95080-W in the device
grade 6 range.
ICC1 value and test conditions modified in Table 19: DC characteristics
(M95160-R and M95080-R).
End timing line of tSHQZ modified in Figure 17: Serial output timing.
SO8N and UFDFPN8 package specifications updated. All packages are
ECOPACK® compliant.
Blank option removed below Plating technology and Note 2 modified in
Table 32: Ordering information scheme.
Table 33: Available M95160 products (package, voltage range,
temperature grade) and Table 34: Available M95080 products (package,
voltage range, temperature grade) added.
06-Mar-2008
7
Endurance modified on page 1. Small text changes.
Section 4.1: Supply voltage (VCC) on page 12 modified.
Section 6.6: Write to Memory Array (WRITE) on page 23 modified.
Table 19: DC characteristics (M95160-R and M95080-R) updated.
Note removed below Table 24: AC characteristics (M95160-W and
M95080-W, device grade 6) on page 35.
Inch values are calculated from millimeters and rounded to 4 decimal
digits and UFDFPN package specifications updated (see Section 10:
Package mechanical data on page 41).
26-Jan-2009
8
WLCSP (CS) package added (see Figure 20 and Table 30: WLCSP-R
1.350 x 1.365 mm 0.4 mm pitch 8 bumps, package mechanical data).
M95160-F part number added (delivered in WLCSP package and device
grade 6 only).
Section 2.7: VCC supply voltage and Section 6.4: Write Status Register
(WRSR) updated.
Table 27: AC characteristics (M95160-F) added.
Figure 15: Serial input timing, Figure 16: Hold timing and Figure 17: Serial
output timing updated.
Table 35.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com